Part Number Hot Search : 
100GCP 8DW3R MM1Z5V1B DS1863 2SB1197 52000 74HCT405 A106K01
Product Description
Full Text Search
 

To Download UWD1V220MCL1GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a2 33c wd a2 100v wd 0.3 max. d0.5 b0.2 a 0.2 a0.2 c0.2 0.5 max. e h h 0.3 max. d0.5 b0.2 a 0.2 a0.2 c0.2 0.5 max. e l0.3 l0.5 series capacitance lot no. lot no. capacitance plastic platform plastic platform series trade mark voltage (c:16v) voltage (v:35v) negative positive negative positive u 1 w 2 d 3 1 4 c 5 2 6 2 7 0 8 m 9 c 10 l 11 1 12 g 13 s 14 configuration package code capacitance tolerance ( 20%) rated capacitance (22 f) rated voltage (16v) series name ty p e (mm) a b c e l h 4 5.8 1.8 4.3 4.3 1.0 5.8 0.5 to 0.8 5 5.8 2.1 5.3 5.3 1.3 5.8 0.5 to 0.8 6.3 5.8 2.4 6.6 6.6 2.2 5.8 0.5 to 0.8 6.3 7.7 2.4 6.6 6.6 2.2 7.7 0.5 to 0.8 8 10 2.9 8.3 8.3 3.1 10 0.8 to 1.1 10 10 3.2 10.3 10.3 4.5 10 0.8 to 1.1 d l wd series chip type, low impedance high temperature (260 c) reflow corresponding with 260 c peak reflow soldering recomended reflow condition : 260c peak 5 sec. 230 c over 60 sec. 2 times ( 10 10, : 1 time) chip type, low impedance temperature range up to +105 c . designed for surface mounting on high density pc board. applicable to automatic mounting machine fed with carrier tape. compliant to the rohs directive (2002/95/ec). chip type specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life resistance to soldering heat marking performance characteristics item 55 to +105c 6.3 to 50v 1 to 1500f 20% at 120hz, 20 c after 2 minutes' application of rated voltage, leakage current is not more than 0.01 cv or 3 (a), whichever is greater. black print on the case top. the specifications listed at right shall be met when the capacitors are restored to 20c after the rated voltage is applied for 5000 hours (2000 hours for d = 4, 5 and 6.3) at 105 c. after storing the capacitors under no load at 105c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20c, they shall meet the specified values for the endurance characteristics listed above. type numbering system (example : 16v 22 f) measurement frequency : 120hz at 20 c measurement frequency : 120hz ( ) is 8 over z 25 c / z+20c z 55 c / z+20c rated voltage (v) impedance ratio zt / z20 (max.) 16 2 4 10 2 4 6.3 3 5 25 2 3 35 2 3 50 2 3 rated voltage (v) tan (max.) 50 0.12 (0.14) 35 0.12 (0.14) 25 0.14 (0.16) 16 0.16 (0.20) 10 0.20 (0.24) 6.3 0.26 (0.28) within 30% of the initial capacitance value less than or equal to the initial specified value 200% or less than the initial specified value capacitance change tan leakage current capacitance change leakage current tan within 10% of the initial capacitance value less than or equal to the initial specified value less than or equal to the initial specified value the capacitors are kept on a hot plate for 30 seconds, which is maintained at 250c. the capacitors shall meet the characteristic requirements listed at right when they are removed from the plate and restored to 20c. ( 4 to 6.3) ( 8 to 10) dimension table in next page. voltage v 6.3 10 16 25 35 50 code j acevh wd ud high temperature reflow aluminum electrolytic capacitors cat.8100b
1 2.2 3.3 4.7 10 15 22 27 33 47 56 68 100 150 220 330 470 680 1000 1500 010 2r2 3r3 4r7 100 150 220 270 330 470 560 680 101 151 221 331 471 681 102 152 4 5.8 5 5.8 5 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 7.7 8 10 8 10 10 10 10 10 1.80 0.76 0.76 0.76 0.44 0.44 0.44 0.44 0.34 0.17 0.17 0.09 0.09 80 150 150 150 230 230 230 230 280 450 450 670 670 1h 50 0j 6.3 1a 10 1c 16 1e 25 1v 35 4 5.8 5 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 7.7 8 10 8 10 10 10 10 10 1.80 0.76 0.76 0.44 0.44 0.44 0.44 0.44 0.34 0.17 0.17 0.09 0.09 80 150 150 230 230 230 230 230 280 450 450 670 670 4 5.8 5 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 7.7 6.3 7.7 8 10 8 10 10 10 1.80 0.76 0.76 0.44 0.44 0.44 0.44 0.44 0.34 0.34 0.17 0.17 0.09 80 150 150 230 230 230 230 230 280 280 450 450 670 4 5.8 5 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 7.7 8 10 8 10 10 10 10 10 1.80 0.76 0.76 0.44 0.44 0.44 0.44 0.44 0.34 0.17 0.17 0.09 0.09 80 150 150 230 230 230 230 230 280 450 450 670 670 4 5.8 5 5.8 5 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 7.7 6.3 7.7 8 10 8 10 10 10 10 10 1.80 0.76 0.76 0.76 0.44 0.44 0.44 0.34 0.34 0.17 0.17 0.09 0.09 80 150 150 150 230 230 230 280 280 450 450 670 670 4 5.8 4 5.8 4 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 7.7 6.3 7.7 6.3 7.7 8 10 8 10 8 10 10 10 10 10 5.00 5.00 5.00 1.52 0.88 0.88 0.88 0.68 0.68 0.68 0.34 0.34 0.34 0.18 0.18 30 30 30 85 165 165 165 185 185 185 300 300 300 670 670 v code cap. (f) impedance case size d l (mm) rated ripple wd series dimensions max. impedance ( ? ) at 20c 100khz, rated ripple current (marms) at 105 c 100khz frequency coefficient of rated ripple current coefficient frequency 50 hz 120 hz 300 hz 1 khz 10 khz or more 0.35 0.50 0.64 0.83 1.00 aluminum electrolytic capacitors taping specifications are given in page 23. recommended land size, soldering by reflow are given in page 18, 19. please refer to page 3 for the minimum order quantity. cat.8100b


▲Up To Search▲   

 
Price & Availability of UWD1V220MCL1GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X